Part Number Hot Search : 
SMA4030 VRE122MA 9218N LM311 LM311 01209 FS11FL 520101
Product Description
Full Text Search
 

To Download P6KE180CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 600w Transient Voltage Suppressor
COMCHIP
www.comchiptech.com
P6KE Series
Features
- plastic package has underwriters laboratory flammability classification 94v-0 - 600w surge capability at 1ms - Excellent clamping capability - Low zener impedance - Fast response time:typically less than 1.0 ps from 0 volts to bv min - High temperature soldering guaranteed:260 ./10s /.375.(9.5mm) lead length/5lbs., (2.3kg) tension - T ypical TR less than 1a above 10V
DO15
1.0 (25.4) MIN
.034(0.9) .028(0.7)
.300(7.6) .230(5.8)
.140(3.6) .104(2.6)
Mechanical Data
- Case: Molded plastic - Terminals: Axial leads solderable per MIL-STD-202, Method 208 - Polarity :color band denoted cathode except - Weight: 0.014 oz., 0.4 g
1.0(25.4) MIN
Didemsions in inches and (mm)
Maximum Ratings and Electrical Characteristics
RATINGS PEAK POWER DISSIPATION AT TA=25 oC, TP=1ms(NOTE 1) STEADY STATE POWER DISSIPATION AT TL=75 oC LEAD LENGTHS .375"(9.5mm) (NOTE 2) PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF SINE-WAVE SUPERIMPOSED ON RATED LOAD (JEDEC METHOD) (NOTE 3) OPERATING AND STORAGE TEMPERATURE RANGE
NOTE
@ TA = 25 oC unless otherwise specified
SYMBOL P PK
PD
VALUE 600
5.0
UNITS WATTS
WATTS
IFSM TJ,TSTG
100 - 55 TO + 175
Amps oC
1. NON-REPETITIVE CURRENT PULSE, PER FIG.3 AND DERATED ABOVE TA=25 .PER FIG 2.
2. MOUNTED ON COPPER LEAT AREA OF 1.57 IN2 (40mm2) 3. 8.3ms SINGLE HALF SINE-WAVE, DUTY CYCLE=4 PULSES PER MINUTES MAXIMUM
4. FOR BIDIRECTIONAL USE C SUFFIX FOR 10% TOLERANCE, CA SUFFIX FOR 5% TOLERANCE
MDS0312009A
Page 1
600w Transient Voltage Suppressor
DEVICE BREAKDOWN VOLTAGE BBR(VOLTS) @IT (mA) MIN MAX
6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 50.4 53.2 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5 90.0 95.0 7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 61.6 58.8 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 100.0 95.50 110.0 105.0
COMCHIP
www.comchiptech.com
P6KE6.8(C) P6KE6.8(C)A P6KE7.5(C) P6KE7.5(C)A P6KE8.2(C) P6KE8.2(C)A P6KE9.1(C) P6KE9.1(C)A P6KE10(C) P6KE10(C)A P6KE11(C) P6KE11(C)A P6KE12(C) P6KE12(C)A P6KE13(C) P6KE13(C)A P6KE15(C) P6KE15(C)A P6KE16(C) P6KE16(C)A P6KE18(C) P6KE18(C)A P6KE20(C) P6KE20(C)A P6KE22(C) P6KE22(C)A P6KE24(C) P6KE24(C)A P6KE27(C) P6KE27(C)A P6KE30(C) P6KE30(C)A P6KE33(C) P6KE33(C)A P6KE36(C) P6KE36(C)A P6KE39(C) P6KE39(C)A P6KE43(C) P6KE43(C)A P6KE47(C) P6KE47(C)A P6KE51(C) P6KE51(C)A P6KE56(C) P6KE56(C)A P6KE62(C) P6KE62(C)A P6KE68(C) P6KE68(C)A P6KE75(C) P6KE75(C)A P6KE82(C) P6KE82(C)A P6KE91(C) P6KE91(C)A P6KE100(C) P6KE100(C)A
MDS0312009A
10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
WORKING PEAK REVERSE VOLTAGE VRWM(VOLTS) 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 45.4 47.8 50.2 53.0 55.1 58.1 60.7 64.1 66.4 70.1 73.7 77.8 81.0 85.5
MAXIMUM REVERSE LEAKAGE AT VRWM IR(A) 1000 1000 500 500 200 200 50 50 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
MAXIMUM REVERSE CURRENT IRSM (AMPS) 56 57 51 53 48 50 44 45 40 41 37 38 35 36 32 33 27 28 26 27 23 24 21 22 19 20 17 18 15 16 14 14.4 12.6 13.2 11.6 12.0 10.6 11.2 9.6 10.1 8.9 9.3 8.2 8.6 7.4 7.8 6.8 7.1 6.1 6.5 5.5 5.8 5.1 5.3 4.5 4.8 4.2 4.4
MAX MAXIMUM CLAMPING TEMPERATURE VOLTAGE COEFFICIENT VRWM OF VBR (VOLTS) (%C) 10.8 0.057 10.5 0.057 11.7 0.061 11.3 0.061 12.5 0.065 12.1 0.065 13.8 0.068 13.4 0.068 15.0 0.073 14.5 0.073 16.2 0.075 15.6 0.075 17.3 0.078 16.7 0.078 19.0 0.081 18.2 0.081 22.0 0.084 21.2 0.084 23.5 0.086 22.5 0.086 26.5 0.088 25.2 0.088 29.1 0.090 27.7 0.090 31.9 0.092 30.6 0.092 34.7 0.094 33.2 0.094 39.1 0.096 37.5 0.096 43.5 0.097 41.4 0.097 47.7 0.098 45.7 0.098 52.0 0.099 49.9 0.099 56.4 0.100 53.9 0.100 61.9 0.101 59.3 0.101 67.8 0.101 64.8 0.101 73.5 0.102 70.1 0.102 80.5 0.103 77.0 0.103 89.0 0.104 85.0 0.104 98.0 0.104 92.0 01.04 108.0 0.105 103.0 0.105 118.0 0.105 113.0 0.105 131.8 0.106 125.0 0.106 144.0. 0.106 137.0 0.106
Page 2
600w Transient Voltage Suppressor
BREAKDOWN VOLTAGE BBR(VOLTS) @IT (mA) MIN MAX 99.0 105.0 108.0 114.0 117.0 124.0 135.0 143.0 144.0 152.0 153.0 162.0 162.0 171.0 180.0 190.0 198.0 209.0 225.0 237.0 270.0 285.0 315.0 332.0 360.0 380.0 396.0 418.0 121.0 116.0 132.0 126.0 143.0 137.0 165.0 158.0 176.0 168.0 187.0 179.0 198.0 189.0 220.0 210.0 242.0 231.0 275.0 263.0 330.0 315.0 385.0 368.0 440.0 420.0 484.0 462.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 WORKING PEAK REVERSE VOLTAGE VRWM(VOLTS) 89.2 94.0 97.2 102.0 105.0 111.0 121.0 128.0 130.0 136.0 138.0 145.0 146.0 154.0 162.0 171.0 175.0 185.0 202.0 214.0 243.0 256.0 284.0 300.0 324.0 342.0 356.0 376.0 MAXIMUM REVERSE LEAKAGE AT VRWM IR(A) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
COMCHIP
www.comchiptech.com
DEVICE
P6KE110(C) P6KE110(C)A P6KE120(C) P6KE120(C)A P6KE130(C) P6KE130(C)A P6KE150(C) P6KE150(C)A P6KE160(C) P6KE160(C)A P6KE170(C) P6KE170(C)A P6KE180(C) P6KE180(C)A P6KE200(C) P6KE200(C)A P6KE220(C) P6KE220(C)A P6KE250(C) P6KE250(C)A P6KE300(C) P6KE300(C)A P6KE350(C) P6KE350(C)A P6KE400(C) P6KE400(C)A P6KE440(C) P6KE440(C)A NOTES
MAXIMUM REVERSE CURRENT IRSM (AMPS) 3.8 4.0 3.5 3.6 3.2 3.3 2.8 2.9 2.6 2.7 2.5 2.6 2.3 2.4 2.1 2.2 1.75 1.83 1.67 1.75 1.4 1.45 1.2 1.25 1.05 1.1 0.95 1.00
MAX MAXIMUM CLAMPING TEMPERATURE VOLTAGE COEFFICIENT VRWM OF VRR (VOLTS) (%C) 0.107 158.0 0.107 152.0 0.107 173.0 0.107 165.0 0.107 187.0 0.107 179.0 0.108 215.0 0.108 207.0 0.108 230.0 0.108 219.0 0.108 244.0 0.108 234.0 0.108 258.0 0.108 246.0 0.108 287.0 0.108 274.0 0.108 344.0 0.108 328.0 0.110 360.0 0.110 344.0 0.110 430.0 0.110 414.0 0.110 504.0 0.110 482.0 0.110 574.0 0.110 548.0 0.113 630.0 0.113 600.0
1. VBR MEASURED AFTER IT APPLIED FOR 300 S,IT=SQUARE WAVE PULSE OR EQUIVALENT 2. SURGE CURRENT WAVEFORM PER FIGURE 3 AND DERATED PER FIGUE 2. 3. VF=3.5V AT IF=50A (P6KE6.8 THRU P6KE91A) VF=5.0V AT IF=50A (P6KE100 THRU P6KE440A) ON 1/2 SQUARE OR EQUIVALENT SINE WAVE. PW=8.3ms, DUTY CYCLE=4 PULSES PER MINUTE MXIMUM 4. FOR BIPOLAR TYPES HAVING VRWM OF 10 VOLTS AND UNDER, THE IR LIMIT IS DOUBLED
MDS0312009A
Page 3
600w Transient Voltage Suppressor
FIG. 1 - PEAK PULSE POWER RATING CURVE 100
PPPM PEAK PULSE POWER, KW PEAK PUSE POWER (PPP) OR CURRENT (IPP) DERATING IN PERCENTGE, %
NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG. 3 TA=25oC
COMCHIP
www.comchiptech.com
FIG. 2 - PULSE DERATING CURVE 100
10
75
1.0
50
0.1 0.1us 1.0us 10us 100us 1.0ms td, PULSE WIDTH, sec. FIG.3 - PULSE WAVEFORM
IPPM, PEAK PULSE CURRENT, %
25
10ms
0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE, oC
150
tr =10usec. PEAK VALUE IPPM PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPP
100
FIG. 4 - TYPICAL JUNCTION CAPACITANCE UNIDIRECTIONAL 6.000
TJ=25 f=1 MHZ Vsig=50mVp-p MEASURED at ZERO BIAS
HALF VALUE Ipp 2
CJ., JUNCTION CPACITANCE, PF
50
10/1000uSec. WAVEFORM as DEFINED by R.E.A.
1.000
td
0 0 1.0 2.0 t, TIME, ms 3.0 4.0
PM(AV), STEADY STATE POWER DISSIPATION, WATTS
FIG. 5 - STEADY STATE POWER DERATING CURVE 5.0
L=0.375"(9.5mm) LEAD LENGTHS
100
MEASURED at STAND-OFF VOLTAGE, VWM
3.75 2.5 1.25 0 0 25 50 75 100
1.6x 1.6x 0.040" (40x 40x 1mm.) COPPER HEAT SINKS
60HZ RESISTIVE OR INDUCTIVE LOAD
10 1 10 100 200 V(BR), BREAKDOWN OLTAGE, VOLTS
FIG. 6 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT UNIDIRECTIONAL 125 150 175 200
IFSM, PEAK FORWARD SURGE CURRENT AMPERES
200
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
TL, LEAD TEMPERATURE,
IO, INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES
FIG. 7 - TYPICAL REVERSE LEAKAGE CHARACTERISTICS 1.000 100 10 1 0.1 0.01 0.001 0 100 200 300 400 440 450
MEASURED AT DEVICES STAND-OFF VOLTAGE,VWM
100
TA=25oC
10 1 10 NUMBER OF CYCLES AT 60HZ 100
V(BR), BREAKDOWN VOLTAGE, VOLTS
MDS0312009A Page 4


▲Up To Search▲   

 
Price & Availability of P6KE180CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X